Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0576 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0576
Description  This document explains the functioning and operation of the STEVAL-CCH002V1
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0576 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0576 Datasheet HTML 21Page - STMicroelectronics UM0576 Datasheet HTML 22Page - STMicroelectronics UM0576 Datasheet HTML 23Page - STMicroelectronics UM0576 Datasheet HTML 24Page - STMicroelectronics UM0576 Datasheet HTML 25Page - STMicroelectronics UM0576 Datasheet HTML 26Page - STMicroelectronics UM0576 Datasheet HTML 27Page - STMicroelectronics UM0576 Datasheet HTML 28Page - STMicroelectronics UM0576 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
UM0576
Bill of material
25/29
Appendix C
Bill of material
Table 2.
Bill of material
Designator
Qty
Reference
Value/
generic part
number
Package
Manufacturer
U11
1
HDMI/DVI 2:1 switch
STHDMI002A
TQFP48
STMicroelectronics
U35
1
HDMI/DVI 3:1 switch
and equalizer
STDVE003A
TQFP80
STMicroelectronics
U19
1
Analog video switch
STMAV335
TSSOP16
STMicroelectronics
U18
1
Analog video switch
STMAV340
TSSOP16
STMicroelectronics
U7
1
I2C buffer
ST4300
MSO-8L
STMicroelectronics
U20
1
S-video buffer
TSH72
SO8
STMicroelectronics
U39
1
CVBS buffer
TSH120
SOT323-6
STMicroelectronics
U28
1
Y Pb Pr buffer
TSH343
SO8
STMicroelectronics
U27
1
RGB buffer
TSH344
SO8
STMicroelectronics
U31
1
ST7-MCU
ST7FLITE39
SO20
STMicroelectronics
U23,U24,U25,U26
4
Electronic SPDT
switches
STG719
SOT23-6L
STMicroelectronics
U29
1
3.3 V voltage regulator
LD1117V33
TO-220
STMicroelectronics
U30
1
5 V voltage regulator
LD1117V50
TO-220
STMicroelectronics
U13,U40,U14,U41,U15
5
Protection device
(analog video lines)
DALC208-
4SC6
SOT23-6L
STMicroelectronics
U8,U9,U10
3
Protection device
(DVI lines)
DVIUL6-4SC6
SOT23-6L
STMicroelectronics
U21,U22
2
Protection device
(analog video lines)
ESDALC6V1
M6
MICRO QFN
STMicroelectronics
U12,U16,U17
3
Protection device
(analog video lines)
ESDALC6V1
M3
SOT883
STMicroelectronics
U1,U2,U3,U4,U5,U6,U32,
U33,U34,U36,U37,U38
12
Protection device
(HDMI lines)
HDMIUL6-
4SC6
SOT23-6L
STMicroelectronics
ICC
1
ICC connector
Header 5x2/ IDC-
10B
ZD2
1
Transil
BZW50-15
STMicroelectronics
D3
1
LED
SMD LED
SMD
D1
1
Schottky diode
STPS1L30A
SMA
STMicroelectronics
J1,J42,J3,J45
4
HDMI connector(19-pin)
SMT
Microcross
J7
1
DVI-I connector
Microcross



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com