Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0576 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0576
Description  This document explains the functioning and operation of the STEVAL-CCH002V1
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0576 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0576 Datasheet HTML 1Page - STMicroelectronics UM0576 Datasheet HTML 2Page - STMicroelectronics UM0576 Datasheet HTML 3Page - STMicroelectronics UM0576 Datasheet HTML 4Page - STMicroelectronics UM0576 Datasheet HTML 5Page - STMicroelectronics UM0576 Datasheet HTML 6Page - STMicroelectronics UM0576 Datasheet HTML 7Page - STMicroelectronics UM0576 Datasheet HTML 8Page - STMicroelectronics UM0576 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Getting started
UM0576
4/29
1
Getting started
1.1
System requirements
The system operates in standalone mode by powering externally using the supplied power
adaptor, or with any general purpose 9 V adaptor with a current rating of 500 mA.
1.2
Package content
The HDMI and video switches demonstration board package includes:
●
Hardware
–
One demonstration board, type STEVAL-CCH002V1
–
One power supply (9 V adaptor)
●
Documentation
–User manual
1.3
Hardware installation
The demonstration board can be powered through the external power supply adaptor.
Figure 1.
HDMI and video switches demonstration board, STEVAL-CCH002V1
AM00913v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com