Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0576 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0576
Description  This document explains the functioning and operation of the STEVAL-CCH002V1
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0576 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0576 Datasheet HTML 1Page - STMicroelectronics UM0576 Datasheet HTML 2Page - STMicroelectronics UM0576 Datasheet HTML 3Page - STMicroelectronics UM0576 Datasheet HTML 4Page - STMicroelectronics UM0576 Datasheet HTML 5Page - STMicroelectronics UM0576 Datasheet HTML 6Page - STMicroelectronics UM0576 Datasheet HTML 7Page - STMicroelectronics UM0576 Datasheet HTML 8Page - STMicroelectronics UM0576 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
UM0576
Getting started
5/29
The major components present on the demonstration board are the following (see Figure 1):
1.
VGA input connector
2.
VGA output connector
3.
Backlit LCD, 16 char x 2 line alphanumeric
4.
S-video input connector
5.
S-video output connector
6.
Y, Pb, Pr input connector set
7.
Y, Pb, Pr output connector set
8.
CVBS input connector
9.
CVBS output connector
10. HDMI input connector set
11. HDMI output connector set
12. DVI-I connector
13. Reset switch
14. Power supply jack
Several jumpers are also visible, but their application/significance is explained in
Section 2.2: The jumpers.
1.4
Powering on the system
As soon as the 9 V DC power supply is plugged in, the system is up and running
Connect the 9V DC adaptor jack to this connector as shown in Figure 2.
Figure 2.
Power supply connections
AM00914v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com