Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3157 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 10Page - STMicroelectronics AN3157 Datasheet HTML 11Page - STMicroelectronics AN3157 Datasheet HTML 12Page - STMicroelectronics AN3157 Datasheet HTML 13Page - STMicroelectronics AN3157 Datasheet HTML 14Page - STMicroelectronics AN3157 Datasheet HTML 15Page - STMicroelectronics AN3157 Datasheet HTML 16Page - STMicroelectronics AN3157 Datasheet HTML 17Page - STMicroelectronics AN3157 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Experimental results
AN3157
14/26
Doc ID 17105 Rev 1
4.3
Test with only one phase load at PF = 0.5 inductive and 0.8
capacitive
This single-phase energy measurement has been carried out in the following conditions:
VR = 230 [VRMS]
IR = I [ARMS]
Phases S and T not connected
PF = 0.5 inductive and 0.8 capacitive
Figure 10.
Experimental results graph of one-phase energy measurement
-0,060%
-0,062%
-0,069%
-0,049%
0,034%
0,026%
-0,006%
-2,0%
-1,5%
-1,0%
-0,5%
0,0%
0,5%
1,0%
1,5%
2,0%
1%
10%
100%
1000%
% of In
Class 1 limits
Table 8.
Limits for Class 1 meters: single-phase meters at PF = 1
I (A)
% of In (%)
Error (%)
2*In
200%
± 1%
In
100%
± 1%
0.2*In
20%
± 1%
0.1999*In
19.99%
± 1%
0.1*In
10%
± 1%
0.0999*In
9.999%
± 1.5%
0.05*In
5%
± 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com