Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3157 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 18Page - STMicroelectronics AN3157 Datasheet HTML 19Page - STMicroelectronics AN3157 Datasheet HTML 20Page - STMicroelectronics AN3157 Datasheet HTML 21Page - STMicroelectronics AN3157 Datasheet HTML 22Page - STMicroelectronics AN3157 Datasheet HTML 23Page - STMicroelectronics AN3157 Datasheet HTML 24Page - STMicroelectronics AN3157 Datasheet HTML 25Page - STMicroelectronics AN3157 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Appendix B
BOM list
Table 12.
Motherboard BOM list
Item
Quantity
Reference
Part
PCB footprint
Description
1
2
C61,C62
15p
sm_0805
2
1
C63
1u
sm_0805
3
1
C64
10n
sm_0805
4
1
C65
100n
sm_0805
5
1
C66
1000u
cpcyl1_d500_ls200_040
Capacitor AL-RILL 13x22/2M*1000my 25V
6
2
D7
Diode
sm_d_1206
Diode planar 1N4148 SOD323*75V
6
2
D8
Diode_zener
sm_d_1206
Diode Zener ZMM SOD 80*5.1V (3.3V) G
7
4
D9,D10,D11,D12
Diode_led
plcc2
SMD LED low current super-red P-LCC-2 OSRAM
(Distrelec 631039)
8
5
J1,J2,J3,J4,J5
Card_Edge_10
sullins_10_drxi
9
1
P1
Connector_5x2 jumper_5x2_bis
10
5
R15,R16,R35,R55,R56 100
sm_0805
11
4
R60,R61,R62,R63
4.7k
sm_0805
12
1
R64
1M1%
sm_0805
13
1
TP2
TP
TEST_POINT
14
1
U8
STPMC1
sog_65m_20_w300_l260
15
1
U9
ST_M74HC14
sog_050_14_w325_l350
16
1
W2
MON
TEST_POINT
17
1
W3
DAH
TEST_POINT
18
1
W4
DAR
TEST_POINT
19
1
W5
MOP
TEST_POINT
20
1
W6
DAS
TEST_POINT
21
1
W7
DAT
TEST_POINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com