Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3157 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 18Page - STMicroelectronics AN3157 Datasheet HTML 19Page - STMicroelectronics AN3157 Datasheet HTML 20Page - STMicroelectronics AN3157 Datasheet HTML 21Page - STMicroelectronics AN3157 Datasheet HTML 22Page - STMicroelectronics AN3157 Datasheet HTML 23Page - STMicroelectronics AN3157 Datasheet HTML 24Page - STMicroelectronics AN3157 Datasheet HTML 25Page - STMicroelectronics AN3157 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Item
Quantity
Reference
Part
PCB footprint
Description
22
1
W8
GND
TEST_POINT
23
1
W9
DAN
TEST_POINT
24
1
W10
CLK
TEST_POINT
25
1
W34
Connector_2
Connector_2
26
1
Y1
4194.304kHz
Auris_hc49ussmd
HC-49/US SMD (Distrelec 335026)
Table 12.
Motherboard BOM list (continued)
Table 13.
Daughterboard BOM list
Item
Quantity
Reference
Part
PCB footprint
Description
1
1
C1
470n
rad_1250x425_ls1075_037
Capacitor X2 12x21x32/11M*470n 275V K
2
1
C2
1n
disc_400x200_ls300x100_037
Capacitor KER X1/Y2 9X5/3M*1.0N 440/330
3
1
C3
22n
sm_0603
4
1
C4
10n
sm_0603
5
6
C5,C6,C11,C14
1u
sm_0603
6
1
C12,C13
100n
sm_0603
7
4
C7,C8,C9,C10
5n
sm_0603
8
2
D1,D2
Diode_rele
sm_1812
Diode rectifier SMD*600V 1A
9
2
JP1,JP2
Connector_4x2 jumper_4x2
10
1
J1
Card_Edge_10 Card_edge_10_mirror
11
1
L1
220u
sm_1812
Inductor VF82423 1812*220myH 0,1A
12
1
R1
82
rad_725x200_ls300_040
Resistor wire SFR0518 P5 2W*82R K
13
4
R2,R3,R4,R13
150k 1%
sm_0603
14
2
R5,R12
475 1%
sm_0603
15
1
R6
3.4 1%
sm_0603
16
2
R7,R8
1k 1%
sm_0603
17
1
R9
42.2k 1%
sm_0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com