Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3956 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3956
Description  The STEVAL-CCA029V1 is a demonstration board designed
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3956 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3956 Datasheet HTML 3Page - STMicroelectronics AN3956 Datasheet HTML 4Page - STMicroelectronics AN3956 Datasheet HTML 5Page - STMicroelectronics AN3956 Datasheet HTML 6Page - STMicroelectronics AN3956 Datasheet HTML 7Page - STMicroelectronics AN3956 Datasheet HTML 8Page - STMicroelectronics AN3956 Datasheet HTML 9Page - STMicroelectronics AN3956 Datasheet HTML 10Page - STMicroelectronics AN3956 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN3956
Operation
Doc ID 022034 Rev 1
7/14
Table 3.
Bill of material
Type
Footprint
Description
Qty
Reference
Manufacturer
CCAP
CAP0603
330 pF 50 V NPO
±5%
2
C21, C27
Murata
CCAP
CAP0603
2200 pF 50 V X7R
4
C18, C22,
C24, C28
Murata
CCAP
CAP0603
1 nF 50 V
±10%
4
C3, C4, C13,
C14
Murata
CCAP
CAP0603
100 nF 50 V
±10%
7
C5, C6, C8,
C9,
C10, C19, C25
Murata
CCAP
CAP0603
220 nF 50 V
±10%
4
C1, C2, C11,
C12
Murata
CCAP
CAP0603
2.2 µF, 16 V
±10%
1
C29
Murata
ECAP
CAP0603
2.2 µF, 16 V,
±10%
2
C7, C15
Murata
ECAP
CAP0603
1 µF, 16 V,
±10%
2
C16, C17
Murata
ECAP
D < 12.0 mm
1000 µF, 25 V,
±10%, pitch = 5.0 mm
1
C23
Rubicon
SMD
tantalum
CAP1206
10 µF, 25 V,
±10%, tantalum
4
C31, C32,
C33, C34
Rubicon
RES
R0603
22 ohm,
±10%, 1/16 W
3
R5, R6, R7
Murata
RES
R0603
2.2k ohm,
±10%, 1/16 W
1
R8
Murata
RES
R0603
9.1k ohm,
±10%, 1/16 W
1
R13
Murata
RES
R0603
33k ohm,
±10%, 1/16 W
2
R2, R4
Murata
RES
R0603
39k ohm,
±10%, 1/16 W
1
R3
Murata
RES
R0603
100k ohm,
±10%, 1/16 W
1
R1
Murata
Terminal
Through-hole
2P, pitch = 5 mm connector terminal
3
J2, J3, J4
Any source
Jumper
2-way jumper
2P, pitch = 2.5 mm jumper
4
J5, J6, J8, J9
Any source
Switch
Slide
3P, pitch = 2.5 mm
2
S1, S2
Any source
Bead
SMD
0R
1
L1
Any source
Jumper
3-way jumper
3P, pitch = 2.5 mm jumper
2
J11, J12
Any source
IC
TDA7491LP
TDA7491LP (SSO36) slug-down
1
IC1
STMicroelectronics
Bead
SMD
BLM41PG471SN1
4
L2, L3, L4, L7
Murata
Connector
RCA-2P
RCA socket 2Px2, type AV2-8.4-12
1
J1
Songcheng
Regulator
TO92
L4931CZ33, 3V3 regulator
1
IC2
STMicroelectronics
PCB
75 x 50 mm
TDA7491P filterless PCB
1
King Brother



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com