Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3956 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3956
Description  The STEVAL-CCA029V1 is a demonstration board designed
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3956 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3956 Datasheet HTML 1Page - STMicroelectronics AN3956 Datasheet HTML 2Page - STMicroelectronics AN3956 Datasheet HTML 3Page - STMicroelectronics AN3956 Datasheet HTML 4Page - STMicroelectronics AN3956 Datasheet HTML 5Page - STMicroelectronics AN3956 Datasheet HTML 6Page - STMicroelectronics AN3956 Datasheet HTML 7Page - STMicroelectronics AN3956 Datasheet HTML 8Page - STMicroelectronics AN3956 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN3956
Operation
Doc ID 022034 Rev 1
3/14
1
Operation
The TDA7491LP demonstration board specifications are as follows:
●
Power supply voltage range: 5 V to 14V
●
Number of channels: 2 BTL (bridge-tied load) stereo
●
Load impedance: 4
Ω to 8 Ω
●
Gain settings: 20 dB, 26 dB, 30 dB, 32 dB
●
Undervoltage protection (UVP): 4 V
1.1
Power supply
A single power supply is required to feed the TDA7491LP demonstration board via the
connector J2 (see Figure 2).
Connect the positive voltage of the 15 V/3 A DC power supply to the +Vcc pin and the
negative to GND.
Note:
Voltage range 5 V to 14 V = 3 A current capability
1.2
Demonstration board preparation
1.
Ensure that the power supply is switched OFF.
2.
Connect the regulated power supply, adjusted in the device operating range, to the
connector J7(Vcc) - J8(GND) (observe the polarity).
1.3
Inputs and outputs
1.
Connect the loads across the connectors J5-J6 (LEFT) and J9-J10 (RIGHT), the
specified impedance ranges from 4 to 8
Ω.
2.
Connect the analog audio inputs, single-ended, to the L-input and R-input RCA plugs
(J1).
Refer to Figure 2: Demonstration board connections on page 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com