Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3956 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3956
Description  The STEVAL-CCA029V1 is a demonstration board designed
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3956 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3956 Datasheet HTML 1Page - STMicroelectronics AN3956 Datasheet HTML 2Page - STMicroelectronics AN3956 Datasheet HTML 3Page - STMicroelectronics AN3956 Datasheet HTML 4Page - STMicroelectronics AN3956 Datasheet HTML 5Page - STMicroelectronics AN3956 Datasheet HTML 6Page - STMicroelectronics AN3956 Datasheet HTML 7Page - STMicroelectronics AN3956 Datasheet HTML 8Page - STMicroelectronics AN3956 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN3956
Operation
Doc ID 022034 Rev 1
5/14
1.5
Gain settings
Figure 4.
Jumpers J11 and J12
1.6
Single-ended or differential input
Although the TDA7491LP can be configured for both input configurations, the STEVAL-
CCA029V1 allows only the single-ended connection.
Table 2.
Configuration of jumpers J11 and J12
Gain 0 (J11)
Gain 1 (J12)
Gain (db)
Open (L)
Open (L)
20
Open (L)
Closed (H)
26
Closed (H)
Open (L)
30
Closed (H)
Closed (H)
32
J11=G0
J12=G1
J11/J12
J11/J12
Closed=H
Open=L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com