Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4231 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4231
Description  Standby mode exit from FLASH to RAM configuration settings
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4231 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4231 Datasheet HTML 8Page - STMicroelectronics AN4231 Datasheet HTML 9Page - STMicroelectronics AN4231 Datasheet HTML 10Page - STMicroelectronics AN4231 Datasheet HTML 11Page - STMicroelectronics AN4231 Datasheet HTML 12Page - STMicroelectronics AN4231 Datasheet HTML 13Page - STMicroelectronics AN4231 Datasheet HTML 14Page - STMicroelectronics AN4231 Datasheet HTML 15Page - STMicroelectronics AN4231 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application code structure
AN4231
12/22
DocID024130 Rev 2
3.2.2
Clock Generation Module
This function allows enabling all modes configuring in the RUNPC[0] mode, all peripheral on
and to jump to the PLL configuration function.
Figure 6. CGM init function
3.2.3
PLL configuration
This function allows to select the clock source for the PLL. In this case the PLL is driven by
the FXOSC oscillator at 40 MHz.
Then it configures the RUN[0] mode in order to enable the external oscillator, turning on the
PLL and setting the PLL as system clock.
The CGM module allows to set the several dividers (Input, loop and output) in order to set
the output of the PLL to be at 120 MHz frequency.
Two keys are written in the Mode Entry MCTL register In order to complete the mode entry.
Last part of the function configures the PA0 pin to be a clock out pin where it is possible to
measure the PLL frequency divided by four.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com