Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4231 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4231
Description  Standby mode exit from FLASH to RAM configuration settings
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4231 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4231 Datasheet HTML 13Page - STMicroelectronics AN4231 Datasheet HTML 14Page - STMicroelectronics AN4231 Datasheet HTML 15Page - STMicroelectronics AN4231 Datasheet HTML 16Page - STMicroelectronics AN4231 Datasheet HTML 17Page - STMicroelectronics AN4231 Datasheet HTML 18Page - STMicroelectronics AN4231 Datasheet HTML 19Page - STMicroelectronics AN4231 Datasheet HTML 20Page - STMicroelectronics AN4231 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DocID024130 Rev 2
17/22
AN4231
Application code structure
e_lis
r3, 0xC000
e_or2i
r3, 0x0600
mtmas1 r3
e_lis
r3, 0xFFC0
e_or2i
r3, 0x0028
mtmas2 r3
e_lis
r3, 0xFFC0
e_or2i
r3, 0x003F
mtmas3 r3
tlbwe
#***********************
# re-Configure MMU SRAM - extend from 4K to 256K.
#***********************
e_lis r3, 0x1000
mtmas0 r3
e_lis
r3, 0xc000
e_or2i
r3, 0x0400 # 256 KB
mtmas1 r3
e_lis
r3, 0x4000
e_or2i
r3, 0x0028
mtmas2 r3
e_lis
r3, 0x4000
e_or2i
r3, 0x003f
mtmas3 r3
tlbwe
#disable_watchdog
e_lisr6, 65524
e_add16ir6, r6, -32752
e_lir7, 50464
se_stwr7, 0(r6)
##SWT.SR.R = 0x0000d928; /* key */
e_lisr7, 65524
e_add16ir7, r7, -32752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com