Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4231 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4231
Description  Standby mode exit from FLASH to RAM configuration settings
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4231 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4231 Datasheet HTML 14Page - STMicroelectronics AN4231 Datasheet HTML 15Page - STMicroelectronics AN4231 Datasheet HTML 16Page - STMicroelectronics AN4231 Datasheet HTML 17Page - STMicroelectronics AN4231 Datasheet HTML 18Page - STMicroelectronics AN4231 Datasheet HTML 19Page - STMicroelectronics AN4231 Datasheet HTML 20Page - STMicroelectronics AN4231 Datasheet HTML 21Page - STMicroelectronics AN4231 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
DocID024130 Rev 2
19/22
AN4231
Application code structure
3.3
Conclusions
STANDBY mode allows maximizing power saving. During the STANDBY mode, all
memories that are not powered down in this mode, enter in a power saving state. This
increases the power saving and the data in the memories are retained.
This application note has described how to manage the STANDBY exit from FLASH to
RAM, using the Z4 core of the device. This is the lowest power consumption mode and also
the fastest for wakeup process because it does not need wait for FLASH initialization.
It is possible (see Figure 8), modifying the RGM init function, to switch from Flash to RAM or
from FLASH to FLASH and to decide which core is used. In case of usage of Z0 core at
STANDBY exit, no MMU configuration is necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com