Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0897 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TN0897
Description  The document describes a standardized SPI protocol
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0897 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TN0897 Datasheet HTML 9Page - STMicroelectronics TN0897 Datasheet HTML 10Page - STMicroelectronics TN0897 Datasheet HTML 11Page - STMicroelectronics TN0897 Datasheet HTML 12Page - STMicroelectronics TN0897 Datasheet HTML 13Page - STMicroelectronics TN0897 Datasheet HTML 14Page - STMicroelectronics TN0897 Datasheet HTML 15Page - STMicroelectronics TN0897 Datasheet HTML 16Page - STMicroelectronics TN0897 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TN0897
SPI communication flow
Doc ID 023176 Rev 2
13/28
Figure 4.
Global error flag definition
The open-drain <FSTAT> pin is an optional feature which reflects the status of the <Global
Error Flag> (Bit 7 of the <Global Status> register). Several <FSTAT> pins in a system can be
connected to one microcontroller I/O port in order to indicate an error in the system. The
faulty device can then be identified by reading the <Global Error Flag> bits of all devices.
The <Global Error Flag> is also available on the SDO pin while CSN is low and the clock
signal is stable (high or low). The flag at SDO remains as long as CSN is low. This operation
does not set the <communication error> bit in the <Global Status Register>. The refresh-
procedure of the GEF at SDO is device specific.
A status change during an SPI communication can cause an inconsistency in the <Global
Status> register and other Status Registers. For devices intended for safety critical
applications, precautions must be taken to avoid such inconsistencies.
2.4
Configuration register (optional)
The <Configuration> register is optional. When available, it is always accessible at RAM
address 3FH.
Watchdog Trigger Bit:
Configuration Register
(RAM: 3FH; Bit 0)
Watchdog
Watchdog Trigger
Signal
Clock
Monitor
SCK
CSN
Communication
Error
Global Status Register
Fail
Safe
GEF
FSTAT
optional
SDO / Err
Fail Safe Events
(device specific)
Watchdog Failure
OR
SDI
SDI failure
detection
Status Registers
(device specific)
OR
GAPGCFT00721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com