Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0897 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TN0897
Description  The document describes a standardized SPI protocol
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0897 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TN0897 Datasheet HTML 18Page - STMicroelectronics TN0897 Datasheet HTML 19Page - STMicroelectronics TN0897 Datasheet HTML 20Page - STMicroelectronics TN0897 Datasheet HTML 21Page - STMicroelectronics TN0897 Datasheet HTML 22Page - STMicroelectronics TN0897 Datasheet HTML 23Page - STMicroelectronics TN0897 Datasheet HTML 24Page - STMicroelectronics TN0897 Datasheet HTML 25Page - STMicroelectronics TN0897 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Read and clear status operation
TN0897
22/28
Doc ID 023176 Rev 2
6.2
Format of data shifted out at SDO during read and clear
status operation
Figure 12.
SDO Frame composition during READ and CLEAR operation
Failures are indicated by activating the corresponding bit of the <Global Status> register.
The returned data byte(s) represent(s) the content of the register to be read.
Figure 13.
Read and clear status operation - 16 bit frame
Global status register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Global Error
Flag (GEF)
Comm
Error
Not (Chip Reset
OR Comm Error)
TSD / chip
overload
Tframe
Device
specific
Device
specific
Fail
Safe
Data byte 1 - content of addressed status register or configuration register
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Data byte 2 - content of addressed status register(1)
1.
Only for 24-bit SPI frame width.
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
A0
A1
A2
A3
A4
A5
0
1
CSN
SDI
Command
D0
D1
D2
D3
D4
D5
D6
D7
Fail
Safe
Dev
spec
Dev
spec
Tframe
TSD /
Chip
OVL
NOT
(Chip
Res
OR
Comm
Err)
Com
Error
GEF
SDO
Global Status
Content of addressed status register
or ‚Configuration’ Register (8 bit)
GAPGCFT00724



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com