Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0897 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TN0897
Description  The document describes a standardized SPI protocol
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0897 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TN0897 Datasheet HTML 19Page - STMicroelectronics TN0897 Datasheet HTML 20Page - STMicroelectronics TN0897 Datasheet HTML 21Page - STMicroelectronics TN0897 Datasheet HTML 22Page - STMicroelectronics TN0897 Datasheet HTML 23Page - STMicroelectronics TN0897 Datasheet HTML 24Page - STMicroelectronics TN0897 Datasheet HTML 25Page - STMicroelectronics TN0897 Datasheet HTML 26Page - STMicroelectronics TN0897 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
TN0897
Read device information
Doc ID 023176 Rev 2
23/28
7
Read device information
Product specific information is stored in the ROM area and can be read using a dedicated
operating code (<Read Device Information>).
7.1
ID-Header
The <Address Range> specifies the highest ROM address which contains <Device
Information>.
The standard value if no additional information registers are present is 03H
(
 content of ID-Header is: XX00 0011)
The <Family Identifier> specifies the product family according to the following family codes:
Table 10.
Device information
Op Code
Address
Device Information
OC1
OC0
1
1
3FH
Reserved
1
1
3EH
<SPI-frame-ID>
1
1
04H to 3DH
Product specific
See product datasheet
1
1
03H
<Product Code 2>
1
1
02H
<Product Code 1>
1
1
01H
<Silicon Version>
1
1
00H
<ID-Header>
Table 11.
ID-Header
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Fam
ROM Address Range for <Device Information>
Table 12.
Product family
Bit 7
Bit 6
Product family
00
VIPower
01
BCD
10
VIPower hybrid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com