Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0156 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0156
Description  SDK-ST10F269 Quick Start Software Development Kit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0156 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0156 Datasheet HTML 9Page - STMicroelectronics UM0156 Datasheet HTML 10Page - STMicroelectronics UM0156 Datasheet HTML 11Page - STMicroelectronics UM0156 Datasheet HTML 12Page - STMicroelectronics UM0156 Datasheet HTML 13Page - STMicroelectronics UM0156 Datasheet HTML 14Page - STMicroelectronics UM0156 Datasheet HTML 15Page - STMicroelectronics UM0156 Datasheet HTML 16Page - STMicroelectronics UM0156 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
UM0156 - USER MANUAL
3 Connectors
13/35
3
Connectors
3.1
On-board Motor Control Connectors
The SDK-ST10F269 board provides an embedded solution (3 modular connectors) for power
requirements up to 3000W, so they are well suited for driving motors (e.g. BLDC, Brushless
Direct Current) via an appropriate external motor board. The various power boards that can be
connected to the SDK-ST10F269 (see
Figure 6) are optimized to support a wide variety of
advanced motor control applications (i.e., the ability to address up to 4 PWM channels). The
power boards also provide these signals:
●
motor turn-on and excitation;
●
brake activation;
●
Forward/Reverse direction; and
●
Hall Effect sensor feedback, which could be combined with encoder signals coming for the
control system in order to perform closed control loops with Pulse Width Modulation
(PWM) and a tachometer dynamo.
ST offers several motor control boards with single chip motor driver solutions (see
: Appendix
C: Motor Board Example Schematics on page 28), for example:
●
L6205 Dual Full Bridge (DC, up to 300W), and
●
L6235 DMOS 3-Phase BLDC (up to 150W)
Note: Refer to the L6205 and L6235 information listed in the
Introduction on page 1 for device
details.
Note: Care must be taken with respect to the L6205-based motor control board and third
connector on the SDK-ST10F269, which offers two PWM signals appropriate for this
development board.
Figure 6.
SDK-ST10F269 External Motor Control with Embedded Modular Connectors
Dual Motor
Power Board
L6205
Single Motor
Power Board
L6235
High Power
Motor Board
To Power Stage Board
Up to 3000W
Up to 150W
Up to 300W
L6386
L6386
L6386
ST10F269
SDK-ST10F269
I2C
EEPROM
GPIO
CAN
AI11817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com