Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0156 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0156
Description  SDK-ST10F269 Quick Start Software Development Kit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0156 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0156 Datasheet HTML 27Page - STMicroelectronics UM0156 Datasheet HTML 28Page - STMicroelectronics UM0156 Datasheet HTML 29Page - STMicroelectronics UM0156 Datasheet HTML 30Page - STMicroelectronics UM0156 Datasheet HTML 31Page - STMicroelectronics UM0156 Datasheet HTML 32Page - STMicroelectronics UM0156 Datasheet HTML 33Page - STMicroelectronics UM0156 Datasheet HTML 34Page - STMicroelectronics UM0156 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
UM0156 - USER MANUAL
Appendix D: SDK-ST10F269 Bill Of Materials
31/35
Appendix D: SDK-ST10F269 Bill Of Materials
Table 8.
Bill Of Materials
Item
Quantity
Reference Part
Size/Description
1
2
C1, C2
15pF
226
C3, C4, C5, C8, C9, C10, C11, C12, C13, C14, C16, C17,
C20, C21, C22, C23, C24, C25, C26, C27, C28, C29, C30,
C33, C35, C36
100nF
3
4
C6, C7, C18, C19
470nF
4
2
C37, C15
10nF
5
2
C34, C31
100µF
6
1
C32
470µF
7
1
D1
LM4040
8
7
D2, D3, D4, D5, D6, D7, D8
HLMP3 (LED diodes)
9
2
JF2, JF1
CONN FLEX 6 (strip line 3x2)
10
1
JP1
HEADER 9 (RSR232 female
connector)
11
1
JP2
CONN PLUG (strip line 12x2)
12
2
J3, J1
JUMPER
13
1
J2
CON22 (strip line 11x2)
14
1
J4
CON23 (strip line 11x2)
15
1
J5
CON24 (strip line 11x2)
16
2
J7, J6
CON2 (strip line 2x1)
17
4
J8, J9, J10, J11
CON36 (strip line 36x1)
18
34
R1, R2, R3, R4, R5, R6, R8, R11, R15, R19, R20, R21, R23,
R24, R25, R26, R27, R29, R30, R31, R33, R34, R36, R37,
R38, R39, R40, R41, R42, R43, R44, R45, R46, R47
10k
Ω
19
2
R12, R7
1k
Ω
20
2
R10, R9
4.7k
Ω
21
1
R13
100
Ω
22
1
R14
RESISTOR VAR 10k
Ω
23
7
R16, R17, R18, R22, R28, R32, R35
1.5k
Ω
24
4
SW1, SW3, SW4, SW5
SW DIP-8
25
2
SW6, SW2
RESET PUSH-BUTTON
26
1
U1
XTAL
27
2
U4, U2
L9616D CAN DRIVER
28
1
U3
ST10F269 MCU
29
1
U5
ST3378E Level translator
30
1
U7
24LC02BSN Memory
31
1
U8
ST202 RS232 interface
32
1
U10
L783V3 Voltage regulator
33
1
U11
L7805 Voltage regulator
34
1
U12
74HCF132 Nand gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com