Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0156 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0156
Description  SDK-ST10F269 Quick Start Software Development Kit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0156 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0156 Datasheet HTML 17Page - STMicroelectronics UM0156 Datasheet HTML 18Page - STMicroelectronics UM0156 Datasheet HTML 19Page - STMicroelectronics UM0156 Datasheet HTML 20Page - STMicroelectronics UM0156 Datasheet HTML 21Page - STMicroelectronics UM0156 Datasheet HTML 22Page - STMicroelectronics UM0156 Datasheet HTML 23Page - STMicroelectronics UM0156 Datasheet HTML 24Page - STMicroelectronics UM0156 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
UM0156 - USER MANUAL
4 DIP Switch Configuration
21/35
4.3
EA Switch
This switch enables the Single Chip Mode (see
Figure 3 on page 7). By default it is in the ON
state. It can be set to the OFF state only if an external Flash memory is connected to the SDK-
ST10F269 board.
4.4
User Switch
It is located at the top of the development board (above the ST10F269, see
Figure 3) so the
developer can use the DIP switches to perform I/O operations by linking the JP2 connector to
the ST10F269.
4.5
I2C Switch
This switch is located to the right of the ST10F269, by the edge of the board (see
Figure 3).
4.5.1
1, 2 - Enable I2C
These switches connect the ST10F269 to the I2C bus.
4.5.2
3, 4 - External Devices Connection
These switches allow the user to connect external devices to the I2C bus.
4.5.3
5 - External Device Interrupt
When an external device is connected to the SDK-ST10F269, this switch allows the ST10F269
to receive external interrupts from the device.
4.5.4
6, 7 - EEPROM Connection
These switches allow the on-board EEPROM to connect to the I2C bus.
4.6
I2C 3.3V and 5V 3-pin Connectors
These connectors allow the user to interface the SDK-ST10F269 with external I2C 3.3V and 5V
peripherals.
Note: The ST10F269 only has HSSC peripheral connections. This is to facilitate I2C or SPI
protocol emulations. When HSSC connections are used with external units, the MTSR and
MRST pins must be connected together to form an I/O bus. This way, the HSSC peripheral can
be used to emulate the I2C protocol (after it is enabled using the switches).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com