Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17072 Datasheet(PDF) 1 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 1 Page - NEC

  UPD17072 Datasheet HTML 1Page - NEC UPD17072 Datasheet HTML 2Page - NEC UPD17072 Datasheet HTML 3Page - NEC UPD17072 Datasheet HTML 4Page - NEC UPD17072 Datasheet HTML 5Page - NEC UPD17072 Datasheet HTML 6Page - NEC UPD17072 Datasheet HTML 7Page - NEC UPD17072 Datasheet HTML 8Page - NEC UPD17072 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 226 page
background image
DESCRIPTION
µPD17072 and 17073 are low-voltage 4-bit single-chip CMOS microcontrollers containing hardware ideal for
organizing a digital tuning system.
The CPU employs 17K architecture and can manipulate the data memory directly, perform arithmetic operations,
and control peripheral hardware with a single instruction. All the instructions are 16-bit one-word instructions.
As peripheral hardware, a prescaler that can operate at up to 230 MHz for a digital tuning system, a PLL frequency
synthesizer, and an intermediate frequency (IF) counter are integrated in addition to I/O ports, an LCD controller/driver,
A/D converter, and BEEP.
Therefore, a high-performance, multi-function digital tuning system can be configured with a single chip of
µPD17072 or 17073.
Because the
µPD17072 and 17073 can operate at low voltage (VDD = 1.8 to 3.6 V), they are ideal for controlling
battery-cell driven portable devices such as portable radio equipment, headphone stereos, or radio cassette
recorders.
FEATURES
• 17K architecture: general-purpose register system
• Program memory (ROM)
6 KB (3072
× 16 bits):
µPD17072
8 KB (4096
× 16 bits):
µPD17073
• General-purpose data memory (RAM)
176
× 4 bits
• Instruction execution time
53.3
µs (with 75-kHz crystal resonator: normal operation)
106.6
µs (with 75-kHz crystal resonator: low-speed mode)
• Decimal operation
• Table reference
• Hardware for PLL frequency synthesizer
Dual modulus prescaler (230 MHz max.), programmable divider, phase comparator, charge pump
• Various peripheral hardware
General-purpose I/O ports, LCD controller/driver, serial interface, A/D converter, BEEP, intermediate frequency
(IF) counter
• Many interrupts
External: 1 channel
Internal: 2 channels
•
Power-ON reset, CE reset, and power failure detector
• CMOS low power consumption
• Supply voltage: VDD = 1.8 to 3.6 V
Unless otherwise stated, the
µPD17073 is taken as a representative product in this document.
4-BIT SINGLE-CHIP MICROCONTROLLER
WITH HARDWARE FOR DIGITAL TUNING SYSTEM
µPD17072,17073
MOS INTEGRATED CIRCUIT
Document No. U11450EJ1V0DS00 (1st edition)
Date Published September 1996 P
Printed in Japan
The information in this document is subject to change without notice.
©
1996
DATA SHEET


Similar Part No. - UPD17072

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17072 RENESAS-UPD17072 Datasheet
967Kb / 228P
MOS INTEGRATED CIRCUIT
1996
UPD17072GB-XXX-1A7 RENESAS-UPD17072GB-XXX-1A7 Datasheet
967Kb / 228P
MOS INTEGRATED CIRCUIT
1996
UPD17072GB-XXX-9EU RENESAS-UPD17072GB-XXX-9EU Datasheet
967Kb / 228P
MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD17072

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17005 NEC-UPD17005 Datasheet
15Mb / 482P
DIGITAL TUNING SYSTEM HARDWARE BUILT-IN 4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17704 NEC-UPD17704 Datasheet
1Mb / 356P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17P709 NEC-UPD17P709 Datasheet
201Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
UPD17P719 NEC-UPD17P719 Datasheet
201Kb / 40P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com