Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN836 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN836
Description  LOW FORWARD VOLTAGE SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN836 Datasheet(HTML) 1 Page - STMicroelectronics

  AN836 Datasheet HTML 1Page - STMicroelectronics AN836 Datasheet HTML 2Page - STMicroelectronics AN836 Datasheet HTML 3Page - STMicroelectronics AN836 Datasheet HTML 4Page - STMicroelectronics AN836 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
May 2004
AN836
APPLICATION NOTE
LOW FORWARD VOLTAGE SCHOTTKY DIODE
REV. 2
INTRODUCTION
In power supplies, the major portion of power losses is due to output rectifiers. The impact of these losses
on the efficiency can be expressed by:
η
:efficiency drop due to the diodes.
VF(IOUT)
:voltage drop at the output current
(IOUT) of the converter.
VOUT
:output voltage of the converter.
This formula shows that the influence of the forward voltage increases when the output voltage of the pow-
er supply decreases.
This parameter becomes very important for the new standard of 3.3V output voltage. Another key param-
eter is the leakage current which we have to take into account to develop high efficiency low forward volt-
age drop Schottky with the best trade-off.
TRADE-OFF
The 3 most important application characteristics of a Schottky are:
– forward voltage
– reverse leakage current
– reverse blocking voltage
Generally for a given application, the first step is to fix the reverse blocking voltage. We then study the
best trade-off (choice of a metal barrier) between the forward voltage and the leakage current.
A decrease of the forward voltage increases the efficiency of the converter but increases at the same time
the leakage current and limits operating range where we can keep the reverse losses under control. In the
datasheet this range is defined by Tj max.
To define the best trade off of a low forward voltage schottky we have to take into account its application
condition. STMicroelectronics has developed two families of low forward voltage Schottky well suitable to
two applications: the OR-ing Schottky and Schottky for 3.3V output power supply secondary.
SCHOTTKY DIODES FOR 3.3V SWITCHED MODE POWER SUPPLY
When a Schottky works in a switched mode power supply (forward, flyback,...), it sees during the same
switching period conduction losses and reverse losses.
In these configurations the trade-off between the forward voltage and the leakage current has to be cho-
sen to have the best efficiency with a sufficient safety margin. This is to keep the reverse losses under
control (Tj max = 125°C).
η
VF IOUT
()
VOUT
---------------------------
=


Similar Part No. - AN836

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN836 SILABS-AN836 Datasheet
1Mb / 6P
Current Sense Amplifier Performance Comparison
More results

Similar Description - AN836

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
10FWJ2CZ47M TOSHIBA-10FWJ2CZ47M Datasheet
170Kb / 3P
SCHOTTKY BARRIER RECTIFIER STACK(LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE)
logo
Microsemi Corporation
LSM115J MICROSEMI-LSM115J Datasheet
99Kb / 2P
1 Amp Ultra Low Forward Voltage Schottky Diode
logo
Toshiba Semiconductor
10FWJ2C48M TOSHIBA-10FWJ2C48M_06 Datasheet
330Kb / 5P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE
10FWJ2CZ47M TOSHIBA-10FWJ2CZ47M_06 Datasheet
275Kb / 5P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE
30FWJ2C48M TOSHIBA-30FWJ2C48M_06 Datasheet
325Kb / 6P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE
30FWJ2CZ47M TOSHIBA-30FWJ2CZ47M_06 Datasheet
302Kb / 5P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER
logo
Leshan Radio Company
LMSD103AT1G LRC-LMSD103AT1G Datasheet
122Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE Low Forward Voltage Drop
logo
KODENSHI_AUK CORP.
SDB1560PH-1 KODENSHI-SDB1560PH-1 Datasheet
279Kb / 5P
LOW FORWARD VOLTAGE SCHOTTKY RECTIFIER
logo
International Rectifier
IRFH4210DPBF IRF-IRFH4210DPBF_15 Datasheet
495Kb / 9P
Schottky Intrinsic Diode with Low Forward Voltage
IRFH4213DPBF IRF-IRFH4213DPBF_15 Datasheet
508Kb / 9P
Schottky Intrinsic Diode with Low Forward Voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com