Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN836 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN836
Description  LOW FORWARD VOLTAGE SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN836 Datasheet(HTML) 3 Page - STMicroelectronics

  AN836 Datasheet HTML 1Page - STMicroelectronics AN836 Datasheet HTML 2Page - STMicroelectronics AN836 Datasheet HTML 3Page - STMicroelectronics AN836 Datasheet HTML 4Page - STMicroelectronics AN836 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
AN836 APPLICATION NOTE
Table 2 gives the main characteristics of the 10V and 15V schottky.
Table 2. Main Characteristics of 10V and 15V Schottky
Note: 1. I=19A
2. VR=12V
3. I=19A per diode
CONCLUSION
The equilibrium between efficiency and safety margin against thermal runaway has been best solved with
25V, 15V and 10V Power Schottky diodes. One being suitable for 3.3V supplies and the other for the re-
dundant Powers supplies.
Moreover, the inclusion of Power Factor correction will significantly change the choice of the Schottky di-
ode for the secondary Power supply rectification.
With PFC, the reapplied voltage across the output rectifiers will be lower. For example we can consider
using 25V Schottky in a 5V forward converter, whereas today a 45V Schottky diode is needed.
PART NUMBER
PACKAGE
Io
VF
(Io,105°C)
IR
(100°C, 10V)
typ
Max
Max
AmV
mV
A
STPS15L10D
TO220AC
15
270
320
0.42
STPS80L10TV
ISOTOP
2x40
270
320
1.2
STPS20L15D
TO220AC
20
0.31(1)
0.36(1)
0.55(2)
STPS40L15CW
TO247
2x20
0.31(3)
0.35(3)
0.55(2)
Per diode



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com