Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN836 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN836
Description  LOW FORWARD VOLTAGE SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN836 Datasheet(HTML) 2 Page - STMicroelectronics

  AN836 Datasheet HTML 1Page - STMicroelectronics AN836 Datasheet HTML 2Page - STMicroelectronics AN836 Datasheet HTML 3Page - STMicroelectronics AN836 Datasheet HTML 4Page - STMicroelectronics AN836 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN836 APPLICATION NOTE
2/5
Table 1. Main Characteristics of Schottky
Note: 1. Main characteristics of the 25V low VF Schottky
OR-ING SCHOTTKY
To increase system reliability, power supplies are sometimes connected in parallel (Fig.1).
Figure 1. OR-ing Schottky in redundant power supply
The Schottky diodes are connected in series with the output of each power supply. In the steady state a
continuous current (IOUT/n) flows in each Schottky. Obviously in this case there are no reverse losses.
When a power supply fails, the corresponding ORING diodes ceases to carry current and the system out-
put voltage is not disturbed. The OR-ing diode then sees the reverse voltage VOUT.
In this application the most critical parameter is the forward voltage drop in order to maintain the best ef-
ficiency of the system. A breakdown voltage of 10V is sufficient for output voltage of 5V and 3.3.V.
The trade-off has been chosen to obtain a low forward voltage. In this application we can accept a high
leakage current because when the diode is blocked the reapplied voltage is low (3.3V or 5V), the junction
temperature is also low because there are only reverse losses. So it’s easy to keep reverse losses under
control.
PART NUMBER
PACKAGE
Io
VF
(Io,125°C)
IR
(125°C, 25V)
typ
Max
Max
AmV
mV
mA
STPS125U
SOD6
1
390(1)
460(1)
2(1)
STPS5L25B
DPAK
5
310
350
175
STPS10L25D
TO220AC
10
300
350
400
STPS15L25D/G
D2PAK/TO220AC
15
300
350
640
STPS20L25CT
TO220AB
2x10
300
350
400
STPS20L25CG
D2PAK
2x10
300
350
400
POWER
SUPPLY
1
POWER
SUPPLY
2
OUT/n
I
OUT/n
I
OUT/n
I
OUT
I
V
OUT
3.3V, 5V or 12V
POWER
SUPPLY
n



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com