Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1235 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1235
Description  package description and recommendations for use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1235 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1235 Datasheet HTML 4Page - STMicroelectronics AN1235 Datasheet HTML 5Page - STMicroelectronics AN1235 Datasheet HTML 6Page - STMicroelectronics AN1235 Datasheet HTML 7Page - STMicroelectronics AN1235 Datasheet HTML 8Page - STMicroelectronics AN1235 Datasheet HTML 9Page - STMicroelectronics AN1235 Datasheet HTML 10Page - STMicroelectronics AN1235 Datasheet HTML 11Page - STMicroelectronics AN1235 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Recommended storage, shipping instructions and descriptions
AN1235
8/14
Doc ID 7272 Rev 8
4
Recommended storage, shipping instructions and
descriptions
Flip-Chip reels are packed under inert N2 atmosphere in a sealed bag. For shipment and
handling, reels are packed in a cardboard box.
STMicroelectronics thus recommends the following shipping and storage conditions:
●
Relative humidity between 15% and 70%
●
Temperature range from -55 °C to +150 °C
Components in a non opened sealed bag can be stored 6 months after shipment.
Components in tape and reel must be protected from exposure to direct sunlight.
Moisture sensitivity level (MSL as per JEDEC J-STD-020C) is not applicable to Flip-Chip
devices since there is no plastic encapsulation and so no risk of moisture absorption and
possible related package cracks.
5
Soldering assembly recommendations
5.1
PCB design recommendations
For optimum electrical performance and highly reliable solder joints, STMicroelectronics
recommends the PCB design guidelines listed in Table 3.
To optimize the natural self centering effect of Flip Chips on PCB, PCB pad positioning and
size have to be properly designed.
Note:
A too thick gold layer finishing on the PCB pad is not recommended (low joint reliability).
Micro vias
An alternative to routing on the top surface is to route out on buried layers. To achieve this,
the pads are connected to the lower layers using micro vias.
Table 3.
PCB design recommendations.
PCB pad design
Non solder mask defined
Micro via under bump allowed
PCB pad size
Ø = 300 µm max. (circular) - 250 µm recommended
Solder mask opening
Ø = 340 µm min. (for 300 µm diameter pad)
PCB pad finishing
Cu - Ni (2-6 µm) - Au (0.2 µm max) oc Cu OSP (Organic Substrate
Protection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com