Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1235 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1235
Description  package description and recommendations for use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1235 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1235 Datasheet HTML 1Page - STMicroelectronics AN1235 Datasheet HTML 2Page - STMicroelectronics AN1235 Datasheet HTML 3Page - STMicroelectronics AN1235 Datasheet HTML 4Page - STMicroelectronics AN1235 Datasheet HTML 5Page - STMicroelectronics AN1235 Datasheet HTML 6Page - STMicroelectronics AN1235 Datasheet HTML 7Page - STMicroelectronics AN1235 Datasheet HTML 8Page - STMicroelectronics AN1235 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN1235
Packing specifications and labeling description
Doc ID 7272 Rev 8
3/14
The Flip Chip tolerance on bump diameter and bump height are very tight. This constant
bump shape ensures a good coplanarity between bumps. Optical measurements performed
through vertical focuses show a bump plus die coplanarity below 80 µm.
Typical product marking for the flat side is shown on Figure 3. (product example). The
Flip Chip has a pin marker - A1 (see Figure 1) on both the flat side and the bump side so
that the orientation of the component can be easily determined before and after assembly.
The dots marked on the flat side and on the bump side have been designed so that they can
be detected by standard vision systems.
Marking dimensions are linked to the die size.
Figure 3.
Flip-Chip marking example for 5x5 bump matrix array.
3
Packing specifications and labeling description
Flip Chips are delivered in tape and reel to be fully compatible with standard high volume
SMD components. The features of tape and reel materials are in accordance with
EIA-481-D, IEC 60286-3 and EIA 763 (783) standards. All features not specified in this
section are in accordance with EIA-481-D, IEC 60286-3 and EIA 763 (783) standards.
3.1
Carrier tape
Flip Chips are placed in the carrier tape with their bump side facing the bottom of the cavity
so that the components can be picked-up by their flat side. No flipping of the package is
necessary for mounting on PCB. The products are positioned in the carrier tape with pin A1
on the sprocket hole side. Carrier tape mechanical dimensions are shown in the example in
Figure 4. Standard tape width is 8 mm for die sizes smaller than 3 mm (dimension B0).
Note:
12 mm carrier tape width may be used for a larger die size to be in line with EIA standards.
x
y
x
w
z
w
Dot, ST logo
ECOPACK status
xx = marking
yww = datecode
(y = year
ww = week)
When very small die sizes leave
insufficient space, the ST logo and
ECOPACK symbol are omitted from
the marking.
z = manufacturing location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com