Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1235 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1235
Description  package description and recommendations for use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1235 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1235 Datasheet HTML 5Page - STMicroelectronics AN1235 Datasheet HTML 6Page - STMicroelectronics AN1235 Datasheet HTML 7Page - STMicroelectronics AN1235 Datasheet HTML 8Page - STMicroelectronics AN1235 Datasheet HTML 9Page - STMicroelectronics AN1235 Datasheet HTML 10Page - STMicroelectronics AN1235 Datasheet HTML 11Page - STMicroelectronics AN1235 Datasheet HTML 12Page - STMicroelectronics AN1235 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN1235
Soldering assembly recommendations
Doc ID 7272 Rev 8
9/14
5.2
PCB assembly guidelines
For Flip-Chip mounting on the PCB, STMicroelectronics recommends the use of a solder
stencil aperture of 330 x 330 µm maximum and a typical stencil thickness of 125 µm.
Flip Chips are fully compatible with the use of near eutectic 95.8% Sn, 3.5% Ag, 0.7% Cu
solder paste with no-clean flux. ST's recommendations for Flip-Chip board mounting are
illustrated on the soldering reflow profile shown in Figure 9.
Figure 9.
ST ECOPACK® recommended soldering reflow profile for Flip-Chip
mounting on PCB (definitions)
Dwell time in the soldering zone (with temperature higher than 220 °C) has to be kept as
short as possible to prevent component and substrate damage. Peak temperature must not
exceed 260 °C. Controlled atmosphere (N2 or N2H2) is recommended during the whole
reflow, especially above 150 °C.
Flip Chips are able to withstand three times the previous recommended reflow profile to be
compatible with a double reflow when SMDs are mounted on both sides of the PCB plus one
additional repair.
A maximum of three soldering reflows are allowed for these lead-free packages (with repair
step included).
The use of a no-clean paste is highly recommended to avoid any cleaning operation. To
prevent any bump cracks, ultrasonic cleaning methods are not recommended.
Table 4.
ST ECOPACK® recommended soldering reflow profile for Flip-Chip
mounting on PCB (value)
Profile
Value
Typical
Max.
Temp. gradient in preheat (T = 70 – 180 °C)
0.9 °C/s
3 °C/s
Temp. gradient (T = 200 – 225 °C)
2 °C/s
3 °C/s
Peak temp. in reflow
240 - 245 °C
260 °C
Time above 220 °C
60 s
90 s
Temp. gradient in cooling
-2 to - 3 °C/s
-6 °C/s
Time from 50 to 220 °C
160 to 220 s
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-6°C/s
240-245 °C
2 - 3 °C/s
Temperature (°C)
-2 °C/s
-3 °C/s
Time (s)
0.9 °C/s
60 sec
(90 max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com