Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2451 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2451
Description  ST7540 FSK powerline transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2451 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2451 Datasheet HTML 9Page - STMicroelectronics AN2451 Datasheet HTML 10Page - STMicroelectronics AN2451 Datasheet HTML 11Page - STMicroelectronics AN2451 Datasheet HTML 12Page - STMicroelectronics AN2451 Datasheet HTML 13Page - STMicroelectronics AN2451 Datasheet HTML 14Page - STMicroelectronics AN2451 Datasheet HTML 15Page - STMicroelectronics AN2451 Datasheet HTML 16Page - STMicroelectronics AN2451 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
AN2451
Board description
Doc ID 12791 Rev 3
13/55
5
Board description
The ST7540 reference design is composed of the following sections:
●
Power supply section, based on ST’s VIPer12A-E IC
●
ST7540 modem and crystal oscillator section
●
Line coupling interface section, with three subsections:
–
Transmission active filter
–
Transmission passive filter
–
Receiving passive filter.
The board also has two connectors, which allow the user to plug the mains supply on one
side of it and the I.B.U. communication board on the other side.
Figure 6.
Positioning of the various sections of the board
The schematics of the whole reference design appear in Figure 7 and 8. Figure 7 shows
the modem and the coupling Interface circuits, while Figure 8 represents the power supply
circuit. In both the schematics, high voltage regions are highlighted.
Table 3 lists the components used to develop the reference design board. All parts have
been selected to give optimal performances.
The layout of the printed circuit is given in Appendix A - Figure 49, Figure 50 and Figure 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com