Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2451 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2451
Description  ST7540 FSK powerline transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2451 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2451 Datasheet HTML 35Page - STMicroelectronics AN2451 Datasheet HTML 36Page - STMicroelectronics AN2451 Datasheet HTML 37Page - STMicroelectronics AN2451 Datasheet HTML 38Page - STMicroelectronics AN2451 Datasheet HTML 39Page - STMicroelectronics AN2451 Datasheet HTML 40Page - STMicroelectronics AN2451 Datasheet HTML 41Page - STMicroelectronics AN2451 Datasheet HTML 42Page - STMicroelectronics AN2451 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
AN2451
Board description
Doc ID 12791 Rev 3
39/55
Figure 37.
Load regulation
Figure 35.
Typical waveforms at 265 Vac:
short-circuit
Figure 36.
Typical waveforms at 265 Vac:
startup
Ch1 freq - 23.50 Hz (green)
Ch4 max - 2.08 A (light blue)
Ch4 mean - 383 mA (light blue)
Ch1 max - 702 V (black)
Ch2 mean - 19.72 V (green)
Ch4 max - 500 mA (light blue)
VDS
IOUT
VDD
11
11.1
11.2
11.3
11.4
11.5
11.6
11.7
11.8
11.9
12
12.1
12.2
12.3
12.4
12.5
0
100
200
300
400
500
Iout [mA]
185 V ac
230 V ac
265 V ac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com