Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2451 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2451
Description  ST7540 FSK powerline transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2451 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2451 Datasheet HTML 19Page - STMicroelectronics AN2451 Datasheet HTML 20Page - STMicroelectronics AN2451 Datasheet HTML 21Page - STMicroelectronics AN2451 Datasheet HTML 22Page - STMicroelectronics AN2451 Datasheet HTML 23Page - STMicroelectronics AN2451 Datasheet HTML 24Page - STMicroelectronics AN2451 Datasheet HTML 25Page - STMicroelectronics AN2451 Datasheet HTML 26Page - STMicroelectronics AN2451 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
AN2451
Board description
Doc ID 12791 Rev 3
23/55
Equation 5
The simplification made on fc formula is possible because R17>RL. Consequently, the
quality factor and filter selectivity depend not only on R17, but also on RL. A higher RL
produces a lower steepness of the resonance, while a higher R17 gives a higher selectivity.
Actual values of the components give a Q equal to 4.3.
The RL value impacts in a clearer way on insertion losses. To evaluate the relationship
between RL and the losses on the received signal, the following simplified expression of
at f=fc may be used:
Equation 6
With actual values of the components, we get a loss of about 1 dB. The same calculation
gives unitary transfer if RL is set to zero.
Looking at the first way to express the module of the transfer function, it is possible to notice
that a higher value of Q can help keeping the losses small. Nevertheless, a high value of Q
would bring a higher sensitivity of the filter to the components tolerance.
Figure 14 shows the measured frequency response of the Rx passive filter. The filter has an
actual -3 dB bandwidth equal to 17 kHz and an attenuation of about 1 dB at center
frequency, just as expected.
Figure 14.
Measured frequency response of the Rx passive filter (typical curve)
Figure 15 represents a simulation of the response of the Rx passive filter with the
components tolerance effect. A worst case loss of nearly 1.5 dB can be observed at 72 kHz
due to a shift on center frequency.
fc
1
2
π
------
ω
C
•
1
2
π
------
R
17
R
L
+
R
17L6C26
--------------------------
1
2
π L
6C26
--------------------------- Q
R
17L6C26
R
17RLC26
L
6
+
---------------------------------------
ω
C
•
=
,
≅
=
=
Rs
()
Rj
2
πf
c
•
()
Q
ω
C
L
6
•
R
17
-------------------
•
1
1R
L
R
17
•
C
26
L
6
---------
•
+
------------------------------------------------
=
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com