Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0402 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 9Page - STMicroelectronics UM0402 Datasheet HTML 10Page - STMicroelectronics UM0402 Datasheet HTML 11Page - STMicroelectronics UM0402 Datasheet HTML 12Page - STMicroelectronics UM0402 Datasheet HTML 13Page - STMicroelectronics UM0402 Datasheet HTML 14Page - STMicroelectronics UM0402 Datasheet HTML 15Page - STMicroelectronics UM0402 Datasheet HTML 16Page - STMicroelectronics UM0402 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
UM0402
Firmware features
13/35
In EEPROM, in the case of three months type MD the storing of month-wise maximum
demand and three month-wise maximum demand is defined as below:
4.3
Date and time configuration
RTC date and time can be set by the firmware itself. There is a RTC_init() function which
initializes the RTC with the specified date and time. The date and time to be initialized in
RTC should be specified in RTC_table[10] array. The definition of array is as below:
RTC_table[0] = write command and 7 bit address(0x00) = 0x80
RTC_table[1] = Seconds up to 0.01 in BCD format = value given by user
RTC_table[2] = ST and Seconds in BCD format = value given by user
RTC_table[3] = Minutes in BCD format = value given by user
RTC_table[4] = CEB, CB and Hours in BCD format = value given by user
RTC_table[5] = Day of week = value given by user
RTC_table[6] = Date of month in BCD format = value given by user
RTC_table[7] = Month in BCD format = value given by user
RTC_table[8] = Year = value given by user
RTC_table[9] = calibration value = value given by user
For more information, please refer to M41T94 datasheet of RTC used in the board.
Date and time can also be set by using the IRDA protocol. Please refer to the IEC 62056
PROTOCOL MODE C user manual.
4.4
Memory structure
The meter sensitive data are stored in EEPROM. M95256 256 Kbit EEPROM is used.
Below are details on memory organization.
4.4.1
Common storage for all maximum demand types
There is some common data stored at the start of EEPROM.
This data is saved in 89 Bytes of EEPROM_Union structure of EEPROM_DATA_Union data
type, and represents the energy count, the average maximum demand, application flags,
tariff definitions, energy counts and power down information.
Two pages of 64 Bytes are used for storing these 89 Bytes, as shown below:
Name
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Index
01
23
45
678
9
10
11
Name
JAN, FEB, MAR
APR, MAY, JUN
JUL, AUG, SEP
OCT, NOV, DEC
Index
0
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com