Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0402 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 18Page - STMicroelectronics UM0402 Datasheet HTML 19Page - STMicroelectronics UM0402 Datasheet HTML 20Page - STMicroelectronics UM0402 Datasheet HTML 21Page - STMicroelectronics UM0402 Datasheet HTML 22Page - STMicroelectronics UM0402 Datasheet HTML 23Page - STMicroelectronics UM0402 Datasheet HTML 24Page - STMicroelectronics UM0402 Datasheet HTML 25Page - STMicroelectronics UM0402 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Multi-tariff meter operation
UM0402
22/35
5.2
Operation during power failure
During a normal operating mode the meter is supplied with the line voltage, the
microcontroller is in Run Mode and all devices are powered on.
If a power down occurs the meter is supplied by 4.8 V battery. In this case, the micro moves
to HALT mode and LCD, EEPROM and STPM14 are switched off.
As the micro senses the voltage going down, and before moving to HALT mode, it saves in
EEPROM all data.
5.2.1
Tamper mode
During power failure, the STPM14 metering device is switched off. Then line tamper is not
available, but box tamper is still recognized by the meter.
The behavior of the meter is the same of that during power up, as described in
Section 5.1.1: Tamper mode on page 18.
5.2.2
IR Mode
The functioning of IrDA module during power down is the same of that described above,
except that it is necessary, to wake up the micro from HALT mode, to send a specific
command.
5.2.3
LCD Display
During power down LCD is normally switched off. When the push button is pressed, micro
wakes up and the LCD displays the information listed above.
Once the push button has been pressed, if it is not pressed in 30 seconds the micro returns
to halt mode and the LCD is switched off again.
5.3
LCD icons description
The LCD can display different icons, which meaning is shown below.
Table 10.
LCD AMD Information
Screen n.
Data
Format
Icon
Meaning
149+j*3
Absolute
maximum demand
00000.000
PPower
kW
Measure Unit
150+j*3
Date of
occurrence
dd.mm.yy
151+j*3
Time of
occurrence
hh.mm.ss
Min
Time indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com