Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0402 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 17Page - STMicroelectronics UM0402 Datasheet HTML 18Page - STMicroelectronics UM0402 Datasheet HTML 19Page - STMicroelectronics UM0402 Datasheet HTML 20Page - STMicroelectronics UM0402 Datasheet HTML 21Page - STMicroelectronics UM0402 Datasheet HTML 22Page - STMicroelectronics UM0402 Datasheet HTML 23Page - STMicroelectronics UM0402 Datasheet HTML 24Page - STMicroelectronics UM0402 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
UM0402
Multi-tariff meter operation
21/35
Index i=0 refers to current month, it increases by one each button press up to 11 for past
months information.
The next block of information is repeated 4 +12 or 12 or 365 times if the MD mode is
quarterly or monthly or daily based respectively. The first block displayed is current quarter
or month or day, the others are previous data going backwards for 1 year.
●
Quarterly AMD case: j from 0 to 15 (displays 12 months + 4 quarters information).
●
Monthly AMD case: j from 0 to 11.
●
Daily AMD case: j from 0 to 365.
Index i=0 refers to current quarter, month or day, it increases by one each button press up to
the maximum for each case for past information.
Table 9.
LCD Month Information
Screen n.
Data
Format
Symbol
Meaning
17+i*11
Consumption
under tamper
mode
0000000.0
A
Active energy
kWh
Measure Unit
Phase 1
18+i*11
First box tamper
event date
dd.mm.yy
E bottom
Tamper indicator
19+i*11
First box tamper
event time
hh.mm.ss
E bottom
Tamper indicator
Min
Time indicator
20+i*11
Last box tamper
event date
dd.mm.yy
E bottom
Tamper indicator
21+i*11
Last box tamper
event time
hh.mm.ss
E bottom
Tamper indicator
Min
Time indicator
22+i*11
First fraud tamper
event date
dd.mm.yy
E bottom
Tamper indicator
23+i*11
First fraud tamper
event time
hh.mm.ss
E bottom
Tamper indicator
Min
Time indicator
24+i*11
Last fraud tamper
event date
dd.mm.yy
E bottom
Tamper indicator
25+i*11
Last fraud tamper
event time
hh.mm.ss
E bottom
Tamper indicator
Min
Time indicator
26+i*11
Total Tamper Time
(Box + Fraud)
hhhh.mm.ss
E top
Power failure
indicator
Min
Time indicator
27+i*11
Total Power
Failure Time
hhhh.mm.ss
E top
Power failure
indicator
Min
Time indicator
1
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com