Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1556 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 9Page - STMicroelectronics UM1556 Datasheet HTML 10Page - STMicroelectronics UM1556 Datasheet HTML 11Page - STMicroelectronics UM1556 Datasheet HTML 12Page - STMicroelectronics UM1556 Datasheet HTML 13Page - STMicroelectronics UM1556 Datasheet HTML 14Page - STMicroelectronics UM1556 Datasheet HTML 15Page - STMicroelectronics UM1556 Datasheet HTML 16Page - STMicroelectronics UM1556 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
UM1556
General items
Doc ID 023520 Rev 2
13/87
Figure 7.
Positive ISO pulse
The most severe negative ISO pulse to consider is test pulse 1 at level IV (-100 V@2 ms).
This pulse is directly transferred to the GND pin. The maximum peak reverse voltage of the
diode should therefore be at least 100 V.
Note:
The diode works in avalanche mode if pulse level is above the rated reverse voltage.
Figure 8.
Negative ISO pulse
Note:
As seen from the above explanation, the HSD with diode protection in the GND pin doesn’t
clamp negative ISO pulses at supply line. Therefore an appropriate serial protection resistor
should be used between the µC and HSD.The resistor value should be calculated according
to maximum injected current to the I/O pin of the used microcontroller.
Note:
Diode parameters can be lower if an external clamping circuitry is used (e.g. HSD module is
supplied from a protected power supply line).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com