Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1556 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 17Page - STMicroelectronics UM1556 Datasheet HTML 18Page - STMicroelectronics UM1556 Datasheet HTML 19Page - STMicroelectronics UM1556 Datasheet HTML 20Page - STMicroelectronics UM1556 Datasheet HTML 21Page - STMicroelectronics UM1556 Datasheet HTML 22Page - STMicroelectronics UM1556 Datasheet HTML 23Page - STMicroelectronics UM1556 Datasheet HTML 24Page - STMicroelectronics UM1556 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
UM1556
General items
Doc ID 023520 Rev 2
21/87
1.4.6
M0-5Enhanced: analogue current sense truth table
Figure 21.
M0-5Enhanced – “Soft” short to
GND
Figure 22.
M0-5Enhanced – “Hard” short to
GND
Table 4.
Analogue driver-truth table (OFF-state)
Operation mode
Input level
Output level
Current sense
Normal operation
L
L0 V
Short to Vbat
Vbat
VSENSEH
Open load
H
(with external pull up)
VSENSEH
L
(without external pull up)
0V
Short to GND
L
0 V
Overtemperature
L
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com