Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1556 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM1556
Description  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM1556 Datasheet HTML 45Page - STMicroelectronics UM1556 Datasheet HTML 46Page - STMicroelectronics UM1556 Datasheet HTML 47Page - STMicroelectronics UM1556 Datasheet HTML 48Page - STMicroelectronics UM1556 Datasheet HTML 49Page - STMicroelectronics UM1556 Datasheet HTML 50Page - STMicroelectronics UM1556 Datasheet HTML 51Page - STMicroelectronics UM1556 Datasheet HTML 52Page - STMicroelectronics UM1556 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
UM1556
Switching inductive loads
Doc ID 023520 Rev 2
49/87
The HSD channel is protected directly by the parallel transil. The clamping voltage of the
transil should be below the minimum clamping voltage of the HSD (41 V). Such transils
(VCL < 41 V) usually start conducting at 30 V, therefore there is a high probability that it is
damaged during the clamped load dump pulse (36 V). For that reason it is usually better to
use the previously described solution (1).
3) Freewheeling diode and reverse battery diode
A general purpose diode connected in parallel with the load provides a conductive path for
proper demagnetization. Relatively small demagnetization voltage (1 diode voltage drop in
forward direction) leads to a very slow demagnetization. This can have a negative influence
when driving the relay, for example. A slow movement of the armature (slow opening of
contacts) can have a negative influence on the lifetime of the relay contacts (depending on
the switching current).
In order to protect the freewheeling diode against the reverse battery condition, there is an
additional diode (Dr) required in series with the output. This circuitry is suitable only for small
loads because of permanent voltage drop (
→ power dissipation) on Dr during normal
operation.
4) Freewheeling diode and reverse battery P-channel MOS circuitry
L
R
Vbat
GND
OUT
Rgnd
Dgnd
GND
GND
Clamp
Vout
Iout
T
L
R
Vbat
GND
OUT
Rgnd
Dgnd
GND
GND
Clamp
Vout
Iout
GND
D
Dr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com