Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1620 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1620
Description  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 17Page - STMicroelectronics UM1620 Datasheet HTML 18Page - STMicroelectronics UM1620 Datasheet HTML 19Page - STMicroelectronics UM1620 Datasheet HTML 20Page - STMicroelectronics UM1620 Datasheet HTML 21Page - STMicroelectronics UM1620 Datasheet HTML 22Page - STMicroelectronics UM1620 Datasheet HTML 23Page - STMicroelectronics UM1620 Datasheet HTML 24Page - STMicroelectronics UM1620 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
DocID024388 Rev 3
21/41
UM1620
API specification
Return values
Troubleshooting
None.
Comments
After calling ‘FlashSuspend()’, read is allowed on both main array space and shadow row
without any Read-While-Write error. But data read from the blocks targeted for programming
or erasing is indeterminate even if the operation is suspended.
This function should be used together with ‘FlashResume()’. The suspendFlag returned by
‘FlashSuspend()’ determine whether ‘FlashResume()’ needs to be called or not. If
suspendFlag is TRUE, ‘FlashResume()’ must be called symmetrically to resume the
suspended operation.
Following table defines and describes various suspend states and associated suspend
codes.
Table 25. Return values for FlashSuspend()
Type
Description
Possible values
UINT32
Successful completion.
C90FL_OK
Table 26. suspendState definitions
Argument
Code
Description
Valid operation after suspend
NO_OPERTION
0
There is no program/erase
operation.
Erasing operation, programming
operation and read are valid on
both main array space and
shadow row.
PGM_WRITE
1
There is a program
sequence in interlock write
stage.
Only read is valid on both main
array space and shadow row.
ERS_WRITE
2
There is an erase sequence
in interlock write stage.
Only read is valid on both main
array space and shadow row.
ERS_SUS_PGM_WRITE
3
There is an erase-suspend
program sequence in
interlock write stage.
Only read is valid on both main
array space and shadow row.
PGM_SUS
4
The program operation is in
suspended state.
Only read is valid on both main
array space and shadow row.
ERS_SUS
5
The erase operation on
main array is in suspended
state.
Programming operation is valid
only on main array space. Read
is valid on both main array space
and shadow row.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com