Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1620 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1620
Description  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 27Page - STMicroelectronics UM1620 Datasheet HTML 28Page - STMicroelectronics UM1620 Datasheet HTML 29Page - STMicroelectronics UM1620 Datasheet HTML 30Page - STMicroelectronics UM1620 Datasheet HTML 31Page - STMicroelectronics UM1620 Datasheet HTML 32Page - STMicroelectronics UM1620 Datasheet HTML 33Page - STMicroelectronics UM1620 Datasheet HTML 34Page - STMicroelectronics UM1620 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
DocID024388 Rev 3
31/41
UM1620
API specification
2.7.2
FlashECCLogicCheck()
Description
This function checks the ECC logic of the Flash. The API simulates a single or double bit
fault depending on the user input. If the simulated ECC error is not detected, then the error
code C90FL_ERROR_ECC_LOGIC is returned.
Prototype
UINT32 FlashECCCLogicCheck (PSSD_CONFIG pSSDConfig,
UINT64 dataVal,
UINT64 errBits,
UINT32 eccValue)
Arguments
Return values
Troubleshooting
The trouble shooting given here comprises of hardware errors and input parameter error.
Table 48. Arguments for FlashECCLogicCheck()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
dataValue
The 64 bits of data for which
the ECC is calculated. The
bits of dataValue are flipped
to generate single or double
bit faults.
Any 64-bit value.
errBits
Is a 64-bit mask of the bits
at which the user intends to
inject error.
Any 64-bit value, except zero.
eccValue
It’s a 32 bit value which has
to be passed by user. This
is calculated ny using an
offline ECC Calculator.
This is a corresponding ECC value for the data
value passed by the user.
Note: Same data words should be used in off line
ECC calculator and Flash ECC logic check API.
Table 49. Return values for FlashECCLogicCheck()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_ECC_LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com