Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1620 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1620
Description  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 24Page - STMicroelectronics UM1620 Datasheet HTML 25Page - STMicroelectronics UM1620 Datasheet HTML 26Page - STMicroelectronics UM1620 Datasheet HTML 27Page - STMicroelectronics UM1620 Datasheet HTML 28Page - STMicroelectronics UM1620 Datasheet HTML 29Page - STMicroelectronics UM1620 Datasheet HTML 30Page - STMicroelectronics UM1620 Datasheet HTML 31Page - STMicroelectronics UM1620 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
API specification
UM1620
28/41
DocID024388 Rev 3
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit()’ API.
2.7
User test mode functions
2.7.1
FlashArrayIntegrityCheck()
Description
This function checks the array integrity of the Flash. The user specified address sequence is
used for array integrity reads and the operation is done on the specified blocks. The MISR
values calculated by the hardware is compared to the values passed by the user, if they are
not the same, then an error code is returned.
Prototype
UINT32 FlashArrayIntegrityCheck (PSSD_CONFIG pSSDConfig,
UINT32 lowEnabledBlocks,
UINT32 midEnabledBlocks,
UINT32 highEnabledBlocks,
UINT8 addrSeq,
MISR misrValue,
void (*CallBack)(void));
Arguments
Table 42. Arguments for FlashArrayIntegrityCheck()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
lowEnabledBlocks
To select the array
blocks in low address
space for erasing.
Bit-mapped value. Select the block in the low
address space whose array integrity is to be
evaluated by setting 1 to the appropriate bit of
lowEnabledBlocks. If there is not any block to be
evaluated in the low address space,
lowEnabledBlocks must be set to 0.
midEnabledBlocks
To select the array
blocks in mid address
space for erasing.
Bit-mapped value. Select the block in the middle
address space whose array integrity is to be
evaluated by setting 1 to the appropriate bit of
midEnabledBlocks. If there is not any block to be
evaluated in the middle address space,
midEnabledBlocks must be set to 0.
highEnabledBlocks
To select the array
blocks in high address
space for erasing.
Bit-mapped value. Select the block in the high
address space whose array integrity is to be
evaluated by setting 1 to the appropriate bit of
highEnabledBlocks. If there is not any block to be
evaluated in the high address space,
highEnabledBlocks must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com