Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3975 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3975
Description  Transparent serial link over ST7590 OFDM PRIME modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3975 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3975 Datasheet HTML 9Page - STMicroelectronics AN3975 Datasheet HTML 10Page - STMicroelectronics AN3975 Datasheet HTML 11Page - STMicroelectronics AN3975 Datasheet HTML 12Page - STMicroelectronics AN3975 Datasheet HTML 13Page - STMicroelectronics AN3975 Datasheet HTML 14Page - STMicroelectronics AN3975 Datasheet HTML 15Page - STMicroelectronics AN3975 Datasheet HTML 16Page - STMicroelectronics AN3975 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AN3975
System setup
Doc ID 022170 Rev 1
13/26
5.2
Communication setup
In order to be able to run the application, the following steps must be completed after correct
setup of the HW:
1.
Flash the FW: PC_USB_to_PRIME project into the connectivity gateway (STEVAL-
PCC012V1) node connected to ST7590 base node.
2.
Flash the FW: PMeter_RS485_to_PRIME project into the connectivity gateway
(STEVAL-PCC012V1) node connected to ST7590 service node.
3.
Power up both the connectivity gateways (STEVAL-PCC012V1) (with 5 V DC power
supply).
4.
Power up the power meter.
5.
If necessary, install the Virtual COM port driver supplied by STMicroelectronics. This
driver is supplied within the firmware package.
6.
Run Windows® HyperTerminal on the computer connected by a mini-USB cable to the
connectivity gateway (STEVAL-PCC012V1) connected to base node.
7.
Setup the Virtual COM port setting according to needs (“Speed”, “Data bits”, “Parity”,
etc.):
Figure 8.
Windows COM port setting dialog
8.
Open the Virtual COM port in Windows HyperTerminal or another application used for
AMR (automatic meter reading).
9.
Power up the power line modems from mains and wait for modem interconnection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com