Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3975 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3975
Description  Transparent serial link over ST7590 OFDM PRIME modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3975 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3975 Datasheet HTML 17Page - STMicroelectronics AN3975 Datasheet HTML 18Page - STMicroelectronics AN3975 Datasheet HTML 19Page - STMicroelectronics AN3975 Datasheet HTML 20Page - STMicroelectronics AN3975 Datasheet HTML 21Page - STMicroelectronics AN3975 Datasheet HTML 22Page - STMicroelectronics AN3975 Datasheet HTML 23Page - STMicroelectronics AN3975 Datasheet HTML 24Page - STMicroelectronics AN3975 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AN3975
Tests
Doc ID 022170 Rev 1
21/26
supplied with the ST7590 demonstration board. The traffic on the GUI can be observed.
Traffic during the test on Figure 16 is shown in Figure 17.
Figure 17.
Log of packets - 320-byte data transfer
Packet length in both directions must be 320 in order to pass the test
Column Type: Data means data packets
Column Len: Means length of the data message
Column DO: DW that means data sent from base node to service node (down direction)
For DW packets: Len = 13 + 307 = 320 bytes.
Column DO: DW that means data sent from base node to service node (up direction)
For UP packets: Len = 13 + 285 + 22 = 320 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com