Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3975 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3975
Description  Transparent serial link over ST7590 OFDM PRIME modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3975 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3975 Datasheet HTML 18Page - STMicroelectronics AN3975 Datasheet HTML 19Page - STMicroelectronics AN3975 Datasheet HTML 20Page - STMicroelectronics AN3975 Datasheet HTML 21Page - STMicroelectronics AN3975 Datasheet HTML 22Page - STMicroelectronics AN3975 Datasheet HTML 23Page - STMicroelectronics AN3975 Datasheet HTML 24Page - STMicroelectronics AN3975 Datasheet HTML 25Page - STMicroelectronics AN3975 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AN3975
Tests
Doc ID 022170 Rev 1
23/26
Figure 19.
Log of packets - 2,565-Kilobyte data transfer
Packet length in both directions must be 2565 in order to pass the test:
Column Type: Data means data packets
Column Len: Means length of the data message
Column DO: DW that means data sent from base node to service node (down direction)
For DW packets: Len = 91 + 320 + 320 + 320 + 320 + 320 + 320 + 37 + 320 + 197 =
2565 bytes.
Column DO: UP that means data sent from service node to base node (up direction)
For UP packets: Len = 91 + 320 + 320 + 320 + 84 + 320 + 320 + 320 + 320 + 150 =
2565 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com