Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4018 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4018
Description  Data link communication protocol for the ST7580 power line
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4018 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4018 Datasheet HTML 5Page - STMicroelectronics AN4018 Datasheet HTML 6Page - STMicroelectronics AN4018 Datasheet HTML 7Page - STMicroelectronics AN4018 Datasheet HTML 8Page - STMicroelectronics AN4018 Datasheet HTML 9Page - STMicroelectronics AN4018 Datasheet HTML 10Page - STMicroelectronics AN4018 Datasheet HTML 11Page - STMicroelectronics AN4018 Datasheet HTML 12Page - STMicroelectronics AN4018 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID022544 Rev 3
9/23
AN4018
Service description
4
Service description
4.1
System initialization services
These services provide functions to initialize the data link layer, to configure and manage
the modulation frequency of the power line modem.
4.1.1
Data link initialization
void DL_Init(u8 DLType)
Description:
This function initializes the data link layer, with default parameters; the default parameters
are:
•
Frequency: 86000 Hz, 72000 Hz
•
Rx mode: high channel only
•
Rx H/L channel modulation: all PSK modulation
•
Current control: enabled
•
Gain: 21
•
Zero crossing delay: 0
•
PSK preamble length: 32 bits
•
FSK baud rate: 2400 bps
•
FSK deviation: 1
•
FSK preamble length: 32 bit
•
FSK unique word length: 16 bit
•
FSK unique word: 0x9B58
Input parameters:
•
DLType
: this parameter defines the data link type, master, slave or simple node; the
value accepted is: “DL_MASTER”, “DL_SLAVE” or “DL_SIMPLE_NODE”.
Output parameters:
None.
Return value:
None.
Note:
This function must be called during the system startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com