Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4018 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4018
Description  Data link communication protocol for the ST7580 power line
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4018 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4018 Datasheet HTML 10Page - STMicroelectronics AN4018 Datasheet HTML 11Page - STMicroelectronics AN4018 Datasheet HTML 12Page - STMicroelectronics AN4018 Datasheet HTML 13Page - STMicroelectronics AN4018 Datasheet HTML 14Page - STMicroelectronics AN4018 Datasheet HTML 15Page - STMicroelectronics AN4018 Datasheet HTML 16Page - STMicroelectronics AN4018 Datasheet HTML 17Page - STMicroelectronics AN4018 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Service description
AN4018
14/23
DocID022544 Rev 3
4.4
Data link security services
These services provide the functions to send and receive messages with security features.
The security data management is performed by using the ST7580 on-chip 128-bit AES
encryption HW block.
For further information about the use of security service, see Appendix D.
4.4.1
Security data request
s8 DL_SS_DataRequest(u8* DAddress, u8 Dlen, u8* Data)
Description:
This service is used by application layer to send a data collection in security mode to
another node.
Input parameters:
•
DAddress: pointer to destination node MAC address
•
Data: pointer to data collection to send to the node
•
Dlen: length of data, number of bytes.
Output parameters:
None.
Return value:
Data link error code value.
4.4.2
Security data indication
u8* DL_SS_DataIndication(u8* SAddress, u8* DLen, u8* DiParam)
Description:
This service reports to application layer if a security data indication occurs.
Input parameters:
None.
Output parameters:
•
SAddress: pointer to source node MAC address
•
Dlen: length of data payload, number of bytes
•
DiParam: data indication parameters, 4 bytes (see the UM0932 user manual).
Return value:
Pointer to data collection (payload).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com