Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4018 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4018
Description  Data link communication protocol for the ST7580 power line
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4018 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4018 Datasheet HTML 15Page - STMicroelectronics AN4018 Datasheet HTML 16Page - STMicroelectronics AN4018 Datasheet HTML 17Page - STMicroelectronics AN4018 Datasheet HTML 18Page - STMicroelectronics AN4018 Datasheet HTML 19Page - STMicroelectronics AN4018 Datasheet HTML 20Page - STMicroelectronics AN4018 Datasheet HTML 21Page - STMicroelectronics AN4018 Datasheet HTML 22Page - STMicroelectronics AN4018 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DocID022544 Rev 3
21/23
AN4018
Security service use and configuration
Appendix D
Security service use and configuration
D.1
How to use the security service
The MIB modem configuration (MIB table index 00h) must be configured in SS_Layer
(value: 2) to use the security service.
If the ST7580 is not configured in SS_Layer, the ST7580 PLM can send a security data but
it cannot receive any security data.
D.2
Example of MIB modem configuration to use the security
service
In the system configuration phase, the following instruction has to be used:
#define MOD_CONF_SS_LAYER
0x2
DL_MIB_WriteRequest (MIB_M_CONFIG, MOD_CONF_SS_LAYER)
5
References
1.
ST7580 datasheet.
2.
UM0932 user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com