Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4021 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4021
Description  Calculation of reverse losses in a power diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4021 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4021 Datasheet HTML 2Page - STMicroelectronics AN4021 Datasheet HTML 3Page - STMicroelectronics AN4021 Datasheet HTML 4Page - STMicroelectronics AN4021 Datasheet HTML 5Page - STMicroelectronics AN4021 Datasheet HTML 6Page - STMicroelectronics AN4021 Datasheet HTML 7Page - STMicroelectronics AN4021 Datasheet HTML 8Page - STMicroelectronics AN4021 Datasheet HTML 9Page - STMicroelectronics AN4021 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN4021
An application example
Doc ID 022588 Rev 1
7/10
Step 1: Reverse voltage applied across the diode
When the transistor on the primary side of the transformer is on, the rectification diode is
blocked with a reverse voltage equal to:
Equation 8
Step 2: IR(VR,TjRef) and thermal coefficient “c”:
The second step is to read the reference point value using the Figure 2 given in each
datasheet for the corresponding VR. The reference temperature (TjRef) considered is at a
junction temperature of 125 °C.
In this example:
IR(typ)(VR = 70 V, TjRef = 125 °C) = 5 mA (typical value)
In order to consider the worst case for the power losses, we use the maximum values for the
leakage current using the ratio given by the Figure 3.
Equation 9
I R(max)(VR = 70 V, TjRef = 125 °C) = 5 x 4 = 20 mA
Using Equation 2 and Figure 2, the coefficient “c” can be calculated:
Equation 10
Step 3: Reverse losses expression:
From Equation 5, the maximum reverse losses expression is then:
Equation 11
Finally, one can plot the evolution of reverse losses in the diode versus the junction
temperature (Figure 6).
V
Vout
V
m
V
in
R
70
5
.
14
375
148
.
0=
+
·
=
+
·
=
4
10
40
)
125
,
100
(
)
125
,
100
(
)
(
(max)
=
=
°
°
=
C
V
I
C
V
I
Ratio
typ
R
R
1
6
3
1
Re
2
Re
1
Re
2
Re
069
.
0
)
10
5
10
5
ln(
25
125
1
)
)
,
(
)
,
(
ln(
1
-
-
-
°
=
·
·
·
-
=
·
-
=C
T
V
I
T
V
I
T
T
c
f
j
R
R
f
j
R
R
f
j
f
j
)
(
Re
(max)
Re
)
,
(
)
1
(
)
(
f
j
j T
T
c
f
j
R
R
R
j
REV
e
T
V
I
V
T
P
-
·
·
·
-
=d
)
125
(
069
.
0
3
(max)
10
20
70
)
2
.
0
1
(
)
(
-
-
·
·
·
·
-
=
j
T
j
REV
E
T
P
(max)
12
.
1
)
(
·
=
j
REV
e
T
P
)
125
(
069
.
0-
j
T
with TjRef = 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com