Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4021 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4021
Description  Calculation of reverse losses in a power diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4021 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4021 Datasheet HTML 1Page - STMicroelectronics AN4021 Datasheet HTML 2Page - STMicroelectronics AN4021 Datasheet HTML 3Page - STMicroelectronics AN4021 Datasheet HTML 4Page - STMicroelectronics AN4021 Datasheet HTML 5Page - STMicroelectronics AN4021 Datasheet HTML 6Page - STMicroelectronics AN4021 Datasheet HTML 7Page - STMicroelectronics AN4021 Datasheet HTML 8Page - STMicroelectronics AN4021 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN4021
Diode reverse characteristics
Doc ID 022588 Rev 1
3/10
1
Diode reverse characteristics
1.1
Junction temperature and reverse voltage dependence
The leakage current is an intrinsic parameter of the diode. In each ST Schottky and SiC
diode datasheet, a curve of the leakage current (typical value) versus the reverse voltage
and the junction temperature is provided (Figure 2).
Most of the time, the reverse losses are calculated using maximum values in order to
consider the worst operating conditions for the diode in the application. The ratio between
typical and maximum values can be obtained using the values given in the section “Static
electrical characteristic” of the datasheet. (Figure 3)
Figure 2.
Reverse leakage current versus reverse voltage applied for the
STPS20M100S (typical values)
Figure 3.
Typical and maximum leakage current at the voltage rating of the diode
(VRRM) from the datasheet for the STPS20M100S
IR(mA)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
1020
3040506070
8090
100
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
VR(V)
I
R
Reverse leakage current
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
T = 25 °C
j
V = 70 V
R
V = 100 V
R
5
5
10
10
40
40
µA
µA
mA
mA
T = 125 °C
j
T = 25 °C
j
T = 125 °C
j



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com