Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4021 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4021
Description  Calculation of reverse losses in a power diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4021 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4021 Datasheet HTML 1Page - STMicroelectronics AN4021 Datasheet HTML 2Page - STMicroelectronics AN4021 Datasheet HTML 3Page - STMicroelectronics AN4021 Datasheet HTML 4Page - STMicroelectronics AN4021 Datasheet HTML 5Page - STMicroelectronics AN4021 Datasheet HTML 6Page - STMicroelectronics AN4021 Datasheet HTML 7Page - STMicroelectronics AN4021 Datasheet HTML 8Page - STMicroelectronics AN4021 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Diode reverse characteristics
AN4021
4/10
Doc ID 022588 Rev 1
1.2
Diode reverse characteristics modeling: IR(VR,Tj), “c”
thermal coefficient
The parameter (IR) increases by an exponential law with the junction temperature. Knowing
a reference point IR(VR,TjRef) and the value of the thermal coefficient “c”, one can easily
calculate the leakage current at a given temperature Tj using the following formula:
Equation 1
Where VR is the reverse “plateau” voltage applied across the diode.
The “c” thermal coefficient represents the leakage current dependence with the junction
temperature. Each diode has its own coefficient that can be calculated using two points as
follows:
Equation 2
In each ST Datasheet, TjRef1 & TjRef2 are respectively 25°C and 125°C.
The “c” coefficient is independent of the reverse voltage VR applied across the diode.
)
(
Re
Re
)
,
(
)
,
(
f
j
j T
T
c
f
j
R
R
j
R
R
e
T
V
I
T
V
I
-
·
=
·
-
=
)
,
(
)
,
(
ln
1
1
Re
2
Re
1
Re
2
Re
f
j
R
R
f
j
R
R
f
j
f
j
T
V
I
T
V
I
T
T
c



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com