Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN469 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN469
Description  Chopper-type current control circuits improve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN469 Datasheet(HTML) 1 Page - STMicroelectronics

  AN469 Datasheet HTML 1Page - STMicroelectronics AN469 Datasheet HTML 2Page - STMicroelectronics AN469 Datasheet HTML 3Page - STMicroelectronics AN469 Datasheet HTML 4Page - STMicroelectronics AN469 Datasheet HTML 5Page - STMicroelectronics AN469 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
AN469
APPLICATION NOTE
November 2003
The L6506 is a linear integrated circuit designed to sense and control the current in stepping motors and other
similar devices. When used in conjunction with power stages like the L293, L298N, or L7180 the chip set forms
a constant current drive for inductive loads and performs all the interface functions from the control logic through
the power stage.
The L6506 may be used with either two phase bipolar or four phase unipolar motor configurations. The circuit
in figure 1 shows the L6506 used in conjunction with the L298N in a 2 phase bipolar stepper motor application.
The circuit in figure 2 implements a similar 4 phase unipolar application.
CURRENT CONTROL LOGIC
In these two circuits, the L6506 is used to sense and control the current in each of the load windings. The current
is sensed by monitoring the voltage across a sense resistor (Rsense) and using a Pulse Width Modulated con-
trol to maintain the current at the desired value.
An on-chip oscillator drives the dual chopper and sets the operating frequency. An RC network on pin 1 sets the
operating frequency, which is given by the equation :
(1)
for R1 > 10 K
Ω
Figure 1. Application Circuit for Bipolar 2 Phase Stepper Motor.
f
1
0.69R1 C1
----------------------------
=
by Thomas Hopkins
USING THE L6506 FOR CURRENT CONTROL
OF STEPPING MOTORS
Chopper-type current control circuits improve the performance of motor drives. This note shows how
this can be done simply using the L6506 current controller IC.


Similar Part No. - AN469

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN460 PHILIPS-AN460 Datasheet
66Kb / 8P
Using the P82B96 for bus interface
2001 Feb 14
logo
STMicroelectronics
AN4602 STMICROELECTRONICS-AN4602 Datasheet
595Kb / 23P
This document is intended to guide in the usage of and to provide useful details related
17-Dec-2014
AN4617 STMICROELECTRONICS-AN4617 Datasheet
467Kb / 26P
Migrating between STM32F0 and STM32L0 microcontrollers
10-Feb-2015
AN4623 STMICROELECTRONICS-AN4623 Datasheet
2Mb / 16P
Memory monitoring using JDC module
18-Nov-2014
AN4625 STMICROELECTRONICS-AN4625 Datasheet
648Kb / 26P
STEVAL-IFP023V1 evaluation board for CLT01-38S4 input termination
26-Jan-2015
More results

Similar Description - AN469

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6526F TOSHIBA-TB6526F Datasheet
546Kb / 16P
CHOPPER-TYPE BIPOLAR STEPPING MOTOR CONTROL DRIVER IC
logo
Unisonic Technologies
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_12 Datasheet
308Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3843A UTC-UC3843A_15 Datasheet
340Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com