Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN469 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN469
Description  Chopper-type current control circuits improve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN469 Datasheet(HTML) 4 Page - STMicroelectronics

  AN469 Datasheet HTML 1Page - STMicroelectronics AN469 Datasheet HTML 2Page - STMicroelectronics AN469 Datasheet HTML 3Page - STMicroelectronics AN469 Datasheet HTML 4Page - STMicroelectronics AN469 Datasheet HTML 5Page - STMicroelectronics AN469 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AN469 APPLICATION NOTE
4/6
SYNCHRONIZING MULTIPLE DEVICES
Ground noise problems in multiple configurations can be avoided by synchronizing the oscillators. This may be
done by connecting the sync pins of each of the devices with the oscillator output of the master device and con-
necting the R/C pin of the unused oscillators to ground as shown in figure 5.
The devices may be synchronized to external circuits by applying synchronizing pulses to the sync pins. It
should be noted, however, that the input pulse sets the minimum on time of the outputs and will therefore set a
minimum output average current.
SELECTING THE OSCILLATOR COMPONENTS
When selecting the values for the external components for the oscillator one of the primary considerations is the
operating frequency. In addition there is another important consideration for these components.
In many applications the reverse recovery current of the free wheeling diodes and of parasitic elements in the
power stage will flow through the sensing resistor in addition to the load current. Also there is sometimes noise
generated in the system when the power stage is swiched on. These two sources of error can fool the current
limiting stage and make it appear to operate at a subharmonic of the desired frequency. With the proper selec-
tion of the oscillator components this behavior can be avoided.
The design of the L6506 is such that the flip-flops used in the device are set dominant so that whenever the sync
input is low the Q output of the flip-flop will be high even if the reset is applied by the comparator at the same
time. This characteristic of the flip-flops can be used to make the current sensing immune to the recovery cur-
rents and noise spikes that occur when the power devices switch. If the sync pulse is longer than the turn on
delay time of the power stage, as shown in figure 6, these two sources of errors will be ignored.
To select the proper values for the oscillator components a more detailed equation for the operating frequency
and duty cycle of the oscillator is required.
The required equations can be derived from the equivalent circuit for the oscillator section shown in figure 7.
As can be seen from figure 7, the full equation for the operating frequency includes not only the external resis-
tance and capacitance but the internal discharge resistor as well.
The full equation for the operating frequency is:
:
(3)
The equations for the active time of the sync pulse (T2), the inactive time of the sync signal (T1) and the duty
cycle can also be found by looking at the figure 7 and are :
(4)
T1 = 0.69 R1 C1
(5)
(6)
By substituting equations 4 and 5 into equation 6 and solving for the value of R1 the following equations for the
external components can be derived:
(7)
f
1
0.69C1 R1
R1 Ri
⋅
R1
Ri
+
--------------------


+
--------------------------------------------------------------------
=
T2
0.69C1
R1Ri
R1
Ri
+
--------------------
=
DC
T2
T1
T2
+
---------------------
=
R1
1
DC
---------
2
–

 Ri
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com