Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN469 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN469
Description  Chopper-type current control circuits improve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN469 Datasheet(HTML) 5 Page - STMicroelectronics

  AN469 Datasheet HTML 1Page - STMicroelectronics AN469 Datasheet HTML 2Page - STMicroelectronics AN469 Datasheet HTML 3Page - STMicroelectronics AN469 Datasheet HTML 4Page - STMicroelectronics AN469 Datasheet HTML 5Page - STMicroelectronics AN469 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
AN469 APPLICATION NOTE
(8)
Looking at equation 4 it can easily be seen that the minimum pulse width of T2 will occur when the value of Ri
is at its minimum and the value of R1 at its maximum.
Therefore, when evaluating equation 7 the minimum value for Ri of 700
Ω (1 KΩ –30 %) should be used to guar-
antee the required pulse width.
For a typical application using the L298, which has a maximum turn on delay of 2.5
µs, with the L6506 consider
the following operating points:
f = 20 KHz
T1 + T2 = 50
µs
T2 min = 3
µs
From equation 6:
From equation 7:
From equation 8:
C1
T1
0.69R1
--------------------
=
DC
3
µs
50
µs
--------------
0.06
==
R1
1
0.06
----------- 2

 700 10.3KΩ
=
=
C1
47
µs
0.69
() 10.3K
()
--------------------------------------
6.6nF
==
Figure 6. Load Current and Sync Pulse.
Figure 7. Oscillator Circuit and Waveforms.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com