Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN829 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN829
Description  SEMICONDUCTOR KIT FOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN829 Datasheet(HTML) 6 Page - STMicroelectronics

  AN829 Datasheet HTML 1Page - STMicroelectronics AN829 Datasheet HTML 2Page - STMicroelectronics AN829 Datasheet HTML 3Page - STMicroelectronics AN829 Datasheet HTML 4Page - STMicroelectronics AN829 Datasheet HTML 5Page - STMicroelectronics AN829 Datasheet HTML 6Page - STMicroelectronics AN829 Datasheet HTML 7Page - STMicroelectronics AN829 Datasheet HTML 8Page - STMicroelectronics AN829 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AN829 APPLICATION NOTE
6/9
VOLTAGE ERROR AMPLIFIER:
Operating with Pout = 3000W and Vout = 400Vdc, the mean Iout is 7.5A. The corresponding 100Hz capacitor cur-
rent is defined by: Icapa = (Pout / Vout) cos 4!ft So the peak current is: Pout/Vout = 7.5A
Then the output voltage ripple Vr can be evaluated as:
Vr = 7.5A / 2π × 100 × 3500 × E-6 = 6Vpeak
Voltage divider R141/R142 attenuates the output voltage ripple to:
Vri = 6Vpeak x 5.1/400 = 0.0765Vpeak
Assuming 3% peak voltage ripple at the voltage error amplifier output, ripple can be evaluated as:
Vro = (5.1V - 1.27V) 0.03 = 0.115Vpeak
where the first term is the output error amplifier voltage range.
Then the global voltage error amplifier gain at 100Hz must be:
Gvea = Vro/Vri = 0.115/0.0765 = 1.5
as Gvea # 1 / R14 2πf C13
with R14 = 47k
Ω then C13=22nF
To maintain voltage loop stability requires the placement of a pole at a unity-gain frequency of about 18Hz (see
#5)
then R13C13 = 1/2
π . 18
and R13 = 390k
Ω
LOAD COMPENSATION:
A voltage applied at pin 6 can be used to perform compensation, for example a load feed forward compensation.
With reference to the multiplier section, this input is equivalent to the voltage error amplifier output. If not used,
it should be connected to the reference voltage (pin 11).
MULTIPLIER circuit has the following response:
Imult = Kmult Iac (Vvea-1.27) (0.8LFF-1.27)/Vrms
where:
Kmult is the multiplier constant (.37) Vvea is the voltage error amplifier output. LFF is the voltage at pin 6.
Iac is the current supplied into pin 4. Vrms is voltage at pin 7.
To keep the maximum multiplier output current below 300
µA, R4 should be set to 1MΩ, meaning Iac rms varies
from 95
µA to 270µArms.
The previous equation gives: Imult # 60µArms with Vin=95Vrms and Pout=1400W, or Vin=195Vrms and
Pout=3000W.
CURRENT AMPLIFIER SECTION:
Using a low RDSon Power MOSFET as current sense instead of a resistance leads to a reduction of the parasitic
inductance and allows the heat generated to be dissipated in the heatsink. Using the specifications of the
STH80N05, Rsense max is 11mW at 25°C and 15mW at 80°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com